Part Number Hot Search : 
TDA68122 2SD1026 7823A KD30GB80 PM537CE 3M016 MLX90 24AA16
Product Description
Full Text Search
 

To Download SB2H100-E34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor sb2h90 & sb2h100 new product document number 88718 18-may-06 www.vishay.com 1 high-voltage schottky rectifier high barrier technology for improv ed high temperature performance features ? guardring for overvoltage protection ? low power losses and high efficiency ? low forward voltage drop ? low leakage current ? high forward surge capability ? high frequency operation ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in middle voltage high frequency inverters, freewheeling, dc-to-dc converters and polarity protection applications. mechanical data case: do-204ac (do-15) epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes the cathode end do-204ac (do-15) major ratings and characteristics i f(av) 2.0 a v rrm 90 v, 100 v i fsm 75 a v f 0.65 v i r 10 a t j max. 175 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol sb2h90 sb2h100 unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t a = 25 c i f(av) 2.0 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 75 a peak repetitive reverse surge current at t p = 2.0 s, 1 khz i rrm 1.0 a critical rate of rise of reverse voltage dv/dt 10000 v/s storage temperature range t stg - 55 to + 175 c maximum operating junction temperature t j 175 c
www.vishay.com 2 document number 88718 18-may-06 vishay general semiconductor sb2h90 & sb2h100 note: (1) pulse test: 300 ms pulse width, 1 % duty cycle note: (1) p.c.b. mounted with 0.2 x 0.2" (5.0 x 5.0 mm) copper pad areas ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol sb2h90 sb2h100 unit maximum instantaneous forward voltage (1) i f = 2.0 a, i f = 2.0 a, t j = 25 c t j = 125 c v f 0.79 0.65 v maximum dc reverse current at rated dc blocking voltage (1) t j = 25 c t j = 125 c i r 10 4.0 a ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol sb2h90 sb2h100 unit typical thermal resistance (1) r ja r jl 45 14 c/w ordering information preferred p/n unit weight (g) preferred package code base quantity delivery mode sb2h100-e3/54 0.398 54 4000 13" diameter paper tape & reel sb2h100-e3/73 0.398 73 2000 ammo pack packaging figure 1. forward current derating curve 0 3.0 4.0 50 25 0 75 100 125 150 175 a v erage for w ard c u rrent (a) am b ient temperat u re (c) 2.0 1.0 200 figure 2. typical instantaneous forward characteristics 0.2 0 0.4 0. 8 1.0 0.01 0.1 10 1 instantaneo u sfor w ard c u rrent (a) instantaneo u sfor w ard v oltage ( v ) 1.2 0.6 1.4 100 t j = 100 c t j = 175 c t j = 150 c t j = 125 c t j = 25 c
document number 88718 18-may-06 www.vishay.com 3 sb2h90 & sb2h100 vishay general semiconductor package outline dimensions in inches (millimeters) figure 3. typical reve rse characteristics figure 4. typical j unction capacitance 20 60 40 100 8 0 instantaneo u sre v erse c u rrent ( a) percent of rated peak re v erse v oltage ( % ) 0.1 0.01 1 10000 100 10 1000 t j = 100 c t j = 150 c t j = 125 c t j = 25 c re v erse v oltage ( v ) j u nction capacitance (pf) 0.1 10 1 100 100 1000 10 10000 figure 5. typical transient thermal impedance 0.01 10 1 100 10 100 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) 0.034 (0. 8 6) 0.02 8 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5. 8 ) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. do-204ac (do-15)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of SB2H100-E34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X